Electronic Components Datasheet Search
  English  ▼

X  

CS44600 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 26Page - Cirrus Logic CS44600 Datasheet HTML 27Page - Cirrus Logic CS44600 Datasheet HTML 28Page - Cirrus Logic CS44600 Datasheet HTML 29Page - Cirrus Logic CS44600 Datasheet HTML 30Page - Cirrus Logic CS44600 Datasheet HTML 31Page - Cirrus Logic CS44600 Datasheet HTML 32Page - Cirrus Logic CS44600 Datasheet HTML 33Page - Cirrus Logic CS44600 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
30
DS633PP1
CS44600
4.4.2
Auto Rate Detect
The CS44600 will automatically determine the incoming sample rate, DAI_LRCK, to master clock,
DAI_MCLK, ratio and configure the appropriate internal clock divider such that the sample rate convertor
receives the required clock rate. A minimum DAI_MCLK rate of 128Fs is required for proper operation.
The supported DAI_MCLK to DAI_LRCK ratios are shown in Table 1 on page 26.
4.4.3
De-Emphasis
The CS44600 includes on-chip digital de-emphasis filters. The de-emphasis feature is included to accom-
modate older audio recordings that utilize pre-emphasis equalization as a means of noise reduction.
Figure 23 shows the de-emphasis curve. The frequency response of the de-emphasis curve will scale pro-
portionally with changes in sample rate, Fs. The required de-emphasis filter for 32 kHz, 44.1 kHz, or
48 kHz is selected via the de-emphasis control bits in “Misc. Configuration (address 04h)” on page 52.
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 23. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com