Electronic Components Datasheet Search
  English  ▼

X  

1701351 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1701351
Description  PCB terminal block - MKDSN 1,5/ 4 OG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1701351 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1701351 Datasheet HTML 1Page - PHOENIX CONTACT 1701351 Datasheet HTML 2Page - PHOENIX CONTACT 1701351 Datasheet HTML 3Page - PHOENIX CONTACT 1701351 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1701351
09/22/2014   Page 3 / 4
PCB terminal block - MKDSN 1,5/ 4 OG - 1701351
Classifications
UNSPSC
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
SEV / CCA / GOST / GOST / SEV
Ex Approvals
Approvals submitted
Approval details
SEV 
 
 
mm²/AWG/kcmil
1.5
Nominal current IN
13.5 A
Nominal voltage UN
250 V
CCA 
GOST 
GOST 
SEV 
 
 
mm²/AWG/kcmil
1.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com