Electronic Components Datasheet Search
  English  ▼

X  

1701351 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1701351
Description  PCB terminal block - MKDSN 1,5/ 4 OG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1701351 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1701351 Datasheet HTML 1Page - PHOENIX CONTACT 1701351 Datasheet HTML 2Page - PHOENIX CONTACT 1701351 Datasheet HTML 3Page - PHOENIX CONTACT 1701351 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1701351
09/22/2014   Page 1 / 4
PCB terminal block - MKDSN 1,5/ 4 OG - 1701351
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 4,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
orange
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
0.2 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
8.1 mm
Pitch
5 mm
Dimension a
15 mm
Pin dimensions
0,5 x 1 mm
Pin spacing
5 mm
Hole diameter
1.3 mm
General
Range of articles
MKDSN 1,5
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Nominal cross section
1.5 mm²
Solder pin surface
Sn
Internal cylindrical gage
A1
Stripping length
6 mm
Number of positions
4


Similar Part No. - 1701351

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701359 PHOENIX-1701359 Datasheet
67Kb / 4P
Plug-in connector - CIOC 4-18-LI
23.04.2013
More results

Similar Description - 1701351

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1729102 PHOENIX-1729102 Datasheet
150Kb / 8P
PCB terminal block - MKDSN 1,5/11
1729445 PHOENIX-1729445 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 4 BK
1732678 PHOENIX-1732678 Datasheet
47Kb / 4P
PCB terminal block - MKDSN 1,5/ 6 BK
1761302 PHOENIX-1761302 Datasheet
58Kb / 5P
PCB terminal block - MKDSN 1,5/ 2 GY
1889178 PHOENIX-1889178 Datasheet
42Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 OG
1890989 PHOENIX-1890989 Datasheet
112Kb / 6P
PCB terminal block - MKDSN 2.5/ 4
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1729267 PHOENIX-1729267 Datasheet
364Kb / 10P
PCB terminal block - MKDSN 1,5/16
1701013 PHOENIX-1701013 Datasheet
470Kb / 12P
MKDSN 1,5/17 - PCB terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com