Electronic Components Datasheet Search
  English  ▼

X  

MAX7313 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 11Page - Maxim Integrated Products MAX7313 Datasheet HTML 12Page - Maxim Integrated Products MAX7313 Datasheet HTML 13Page - Maxim Integrated Products MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________
15
Table 4. Configuration Register (continued)
REGISTER DATA
REGISTER
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
CONFIGURATION
R/
W
Write device configuration
0
X
Read back device configuration
1
INT
O
O1
O0
I
G
B
E
Disable global intensity control—intensity
is set by registers 0x10–0x17 for ports P0
through P15 when configured as outputs,
and by D3–D0 of register 0x0E for
INT/O16 when INT/O16 pin is configured
as an output port
—
X
X
XXX
0
XX
Enable global intensity control—intensity
for all ports configured as outputs is set
by D3–D0 of register 0x0E
—
X
X
XXX
1
XX
Disable data change interrupt—INT/O16
output is controlled by the O0 and O1 bits
—
XX
X
X
0
XXX
Enable data change interrupt—INT/O16
output is controlled by port input data
change
—
XX
X
X
1
XXX
INT/O16 output is low (blink is disabled)
—
XX
X
00
XX
0
INT/O16 output is high impedance (blink
is disabled)
—
XX
X
10
XX
0
INT/O16 output is low during blink phase 0
—
XX
X
00
XX
1
INT/O16 output is high impedance during
blink phase 0
—
XX
X
10
XX
1
INT/O16 output is low during blink phase 1
—
XX
0
X
0
XX
1
INT/O16 output is high impedance during
blink phase 1
—
XX
1
X
0
XX
1
Read-back data change interrupt status
—data change is not detected, and
INT/O16 output is high when interrupt
enable (I bit) is set
1
00
XXX
XXX
Read-back data change interrupt status
—data change is detected, and INT/O16
output is low when interrupt enable (I bit)
is set
1
0x0F
10
XXX
XXX
X = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com