Electronic Components Datasheet Search
  English  ▼

X  

MAX7313 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products MAX7313 Datasheet HTML 18Page - Maxim Integrated Products MAX7313 Datasheet HTML 19Page - Maxim Integrated Products MAX7313 Datasheet HTML 20Page - Maxim Integrated Products MAX7313 Datasheet HTML 21Page - Maxim Integrated Products MAX7313 Datasheet HTML 22Page - Maxim Integrated Products MAX7313 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________
19
Figure 16. Individual (or Global) Set to 15/16
MASTER INTENSITY TIMESLOT
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
NEXT MASTER INTENSITY TIMESLOT
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
Figure 15. Individual (or Global) Set to 1/16
MASTER INTENSITY TIMESLOT
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
NEXT MASTER INTENSITY TIMESLOT
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
Figure 17. Individual (or Global) Set to 16/16
MASTER INTENSITY TIMESLOT CONTROL IS IGNORED
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
Table 11. PWM Intensity Settings (Blink Disabled)
PWM DUTY CYCLE
OUTPUT BLINK PHASE 0
REGISTER BIT = 0
PWM DUTY CYCLE
OUTPUT BLINK PHASE 0
REGISTER BIT = 1
OUTPUT
(OR
GLOBAL)
INTENSITY
SETTING
LOW TIME
HIGH TIME
LED BEHAVIOR WHEN
OUTPUT BLINK PHASE 0
REGISTER BIT = 0
(LED IS ON WHEN
OUTPUT IS LOW)
LOW TIME
HIGH TIME
LED BEHAVIOR WHEN
OUTPUT BLINK PHASE 0
REGISTER BIT = 1
(LED IS ON WHEN
OUTPUT IS LOW)
0x0
1/16
15/16
Lowest PWM intensity
15/16
1/16
Highest PWM intensity
0x1
2/16
14/16
14/16
2/16
0x2
3/16
13/16
13/16
3/16
0x3
4/16
12/16
12/16
4/16
0x4
5/16
11/16
11/16
5/16
0x5
6/16
10/16
10/16
6/16
0x6
7/16
9/16
9/16
7/16
0x7
8/16
8/16
8/16
8/16
0x8
9/16
7/16
7/16
9/16
0x9
10/16
6/16
6/16
10/16
0xA
11/16
5/16
5/16
11/16
0xB
12/16
4/16
4/16
12/16
0xC
13/16
3/16
3/16
13/16
0xD
14/16
2/16
2/16
14/16
0xE
15/16
1/16
Highest PWM intensity
1/16
15/16
Lowest PWM intensity
0xF
Static low
Static low
Full intensity, no PWM
(LED on continuously)
Static high
impedance
Static high
impedance
LED off continuously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com