Electronic Components Datasheet Search
  English  ▼

X  

TP3054-X Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3054-X
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3054-X Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3054-X Datasheet HTML 1Page - National Semiconductor (TI) TP3054-X Datasheet HTML 2Page - National Semiconductor (TI) TP3054-X Datasheet HTML 3Page - National Semiconductor (TI) TP3054-X Datasheet HTML 4Page - National Semiconductor (TI) TP3054-X Datasheet HTML 5Page - National Semiconductor (TI) TP3054-X Datasheet HTML 6Page - National Semiconductor (TI) TP3054-X Datasheet HTML 7Page - National Semiconductor (TI) TP3054-X Datasheet HTML 8Page - National Semiconductor (TI) TP3054-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Descriptions
Symbol
Function
V
BB
Negative power supply pin.
V
BB = −5V ±5%.
GNDA
Analog ground. All signals are
referenced to this pin.
VF
RO
Analog output of the receive power
amplifier.
V
CC
Positive power supply pin.
V
CC = +5V ±5%.
FS
R
Receive frame sync pulse which
enables BCLK
R to shift PCM data into
D
R.FSR is an 8 kHz pulse train. See
Figure 2 and Figure 3 for timing details.
D
R
Receive data input. PCM data is shifted
into D
R following the FSR leading edge.
Symbol
Function
BCLK
R/CLKSEL The bit clock which shifts data into DR
after the FS
R leading edge. May vary
from 64 kHz to 2.048 MHz.
Alternatively, may be a logic input
which selects either 1.536 MHz/1.544
MHz or 2.048 MHz for master clock in
synchronous mode and BCLK
X is used
for both transmit and receive directions
(see Table 1).
MCLK
R/PDN
Receive master clock. Must be 1.536
MHz, 1.544 MHz or 2.048 MHz. May be
asynchronous with MCLK
X, but should
be synchronous with MCLK
X for best
performance. When MCLK
R is
connected continuously low, MCLK
X is
selected for all internal timing. When
MCLK
R is connected continuously high,
the device is powered down.
Block Diagram
00867402
FIGURE 1.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com