Electronic Components Datasheet Search
  English  ▼

X  

TP3054-X Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3054-X
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3054-X Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3054-X Datasheet HTML 8Page - National Semiconductor (TI) TP3054-X Datasheet HTML 9Page - National Semiconductor (TI) TP3054-X Datasheet HTML 10Page - National Semiconductor (TI) TP3054-X Datasheet HTML 11Page - National Semiconductor (TI) TP3054-X Datasheet HTML 12Page - National Semiconductor (TI) TP3054-X Datasheet HTML 13Page - National Semiconductor (TI) TP3054-X Datasheet HTML 14Page - National Semiconductor (TI) TP3054-X Datasheet HTML 15Page - National Semiconductor (TI) TP3054-X Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
π-Pad Attenuator
00867412
Note: See Application Note 370 for further details.
TABLE 2. Attentuator Tables for Z1=Z2=300
Ω
(All Values in
Ω)
dB
R1
R2
R3
R4
0.1
1.7
26k
3.5
52k
0.2
3.5
13k
6.9
26k
0.3
5.2
8.7k
10.4
17.4k
0.4
6.9
6.5k
13.8
13k
0.5
8.5
5.2k
17.3
10.5k
0.6
10.4
4.4k
21.3
8.7k
0.7
12.1
3.7k
24.2
7.5k
0.8
13.8
3.3k
27.7
6.5k
0.9
15.5
2.9k
31.1
5.8k
1.0
17.3
2.6l
34.6
5.2k
2
34.4
1.3k
70
2.6k
3
51.3
850
107
1.8k
4
68
650
144
1.3k
5
84
494
183
1.1k
6
100
402
224
900
7
115
380
269
785
8
379
284
317
698
9
143
244
370
630
10
156
211
427
527
11
168
184
490
535
12
180
161
550
500
13
190
142
635
473
14
200
125
720
450
15
210
110
816
430
16
218
98
924
413
18
233
77
1.17k
386
20
246
61
1.5k
366
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com