Electronic Components Datasheet Search
  English  ▼

X  

STS1C1S250 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS1C1S250
Description  N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1C1S250 Datasheet(HTML) 2 Page - STMicroelectronics

  STS1C1S250 Datasheet HTML 1Page - STMicroelectronics STS1C1S250 Datasheet HTML 2Page - STMicroelectronics STS1C1S250 Datasheet HTML 3Page - STMicroelectronics STS1C1S250 Datasheet HTML 4Page - STMicroelectronics STS1C1S250 Datasheet HTML 5Page - STMicroelectronics STS1C1S250 Datasheet HTML 6Page - STMicroelectronics STS1C1S250 Datasheet HTML 7Page - STMicroelectronics STS1C1S250 Datasheet HTML 8Page - STMicroelectronics STS1C1S250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STS1C1S250
2/10
THERMAL DATA
(2) Mounted on 0.5 in² pad of 2oz. copper.
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
(3) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Rthj-amb (2)
Thermal Resistance Junction-ambient Max (Single Operating)
(Dual Operating)
62.5
78
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
N-CHANNEL
ID = 250 µA, VGS =0
P-CHANNEL
ID = 250 µA, VGS =0
n-ch
p-ch
250
250
V
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
n-ch
p-ch
n-ch
p-ch
1
1
10
10
µA
µA
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ±20V
n-ch
p-ch
±10
±10
µA
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
N-CHANNEL
VDS =VGS,ID = 250µA
P-CHANNEL
VDS =VGS,ID = 250µA
n-ch
p-ch
2
2
3
3
4
4
V
V
RDS(on)
Static Drain-source On
Resistance
N-CHANNEL
VGS =10V, ID = 0.40A
P-CHANNEL
VGS =10V, ID = 0.30A
n-ch
p-ch
0.9
2.1
1.4
2.8
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
N-CHANNEL
VDS =25V,f= 1MHz,VGS =0
P-CHANNEL
VDS =25V,f= 1MHz,VGS =0
n-ch
p-ch
325
260
pF
pF
Coss
Output Capacitance
n-ch
p-ch
51
52
pF
pF
Crss
Reverse Transfer
Capacitance
n-ch
p-ch
24
25.5
pF
pF
Rg
Gate Input Resistance
f=1 MHz Gate DC Bias=0
Test Signal Level=20mV
Open Drain
n-ch
p-ch
6
6
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com