Electronic Components Datasheet Search
  English  ▼

X  

DF05S Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DF05S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DF05S Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DF05S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DF05S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DN:T19807A0
https://www.microdiode.com
Rev:2019A0
Page :1
Voltage Range - 50 to 1000 V olts Current - 1.0 Ampere
DF05S THRU DF10S
Features
Maximum Ratings And Electrical Characteristics
Ratings at 25°C ambient temperature unlss otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Mechanical Data
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
High temperature soldering guaranteed: 260°/10 seconds at 5 lbs.,
(2.3kg) tension
Small size, simple installation
High surge current capability
Case : JEDEC DBS Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position: Any
Weight : 0.02 ounce, 0.4 grams
DBS
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
×1.5"×1.5"(3.81×3.81 cm)copper pad.
Parameter
SYMBOLS
DF05S
DF1S
DF2S
DF4S
DF6S
DF8S DF10S
UNITS
Marking Code
MDD
DF05S
MDD
DF1S
MDD
DF2S
MDD
DF4S
MDD
DF6S
MDD
DF8S
MDD
DF10S
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TA=40°C
I
1.0
A
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Maximum instantaneous forward voltage drop
per leg at 1A
VF
1.1
V
Maximum DC reverse current
TA=25°C
at rated DC blocking voltage
TA=100°C
IR
10
500
uA
uA
Operating temperature range
TJ
-55 to +150
°C
storage temperature range
TSTG
-55 to +150
°C
F(AV)
Dimensions in inches and (millimeters)
+
.047(1.20)
.040(1.02)
.205(5.2)
.195(5.0)
.130(3.30)
.120(3.05)
.335(8.51)
.320(8.13) 45
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.060(1.53)
.040(1.02)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)


Similar Part No. - DF05S

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DF05S CHENDA-DF05S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
DF05S CHENDA-DF05S Datasheet
591Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_17 Datasheet
591Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DF05S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com