Electronic Components Datasheet Search
  English  ▼

X  

DF05S Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DF05S
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DF05S Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DF05S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DF05S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Voltage Range - 50 to 1000 V olts Current - 1.0 Ampere
DF05S THRU DF10S
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140 150
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
1
10
100
REVERSE VOLTAGE.(V)
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- MAXIMUN DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
100
100
10
1.0
.10
.01
100
10
1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
FORWARD VOLTAGE,(V)
FIG. 4-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMNT
AMBIENT TEMPERATURE, C
0.6''(1.5mm)
Copper Pauls .51''x.51''
(13mmx13mm)
2
4
6
10
20
40
60
TJ=25
°C
Single sine-wave
(JEDEC Method)
FIG. 3-TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
TJ=125
°C
TJ=25
°C
TJ=25
°C
PULSE WIDTH:300*S
1% DUTY CYCLE
TJ=25
°C
f=1.0MHZ
Visg=50mV p-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com