Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 2 Page - Texas Instruments

  DDC232 Datasheet HTML 1Page - Texas Instruments DDC232 Datasheet HTML 2Page - Texas Instruments DDC232 Datasheet HTML 3Page - Texas Instruments DDC232 Datasheet HTML 4Page - Texas Instruments DDC232 Datasheet HTML 5Page - Texas Instruments DDC232 Datasheet HTML 6Page - Texas Instruments DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE FAMILY COMPARISON
MAXIMUM DATA
PACKAGE-
PRODUCT
# OF CHANNELS
FULL-SCALE
RATE
POWER/CHANNEL
LEAD
DDC112
2
1000pC(1)
20kSPS
40mW
SO-28
DDC112K
2
1000pC(1)
3.3kSPS
40mW
TQFP-32
DDC114
4
350pC
3.3kSPS
13mW
QFN-48
DDC118
8
350pC
3.3kSPS
13mW
QFN-48
DDC316
16
12pC
100kSPS
28mW
BGA-64
DDC232C
32
350pC
3.1kSPS
7mW
BGA-64
DDC232CK
32
350pC
6.2kSPS
10mW
BGA-64
(1)
Using external integration capacitors.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information see the Package Option Addendum at the end of this
document, or visit the device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
AVDD to AGND
–0.3V to +6V
DVDD to DGND
–0.3V to +3.6V
AGND to DGND
±0.2V
VREF Input to AGND
2.0V to AVDD + 0.3V
Analog Input to AGND
–0.3V to +0.7V
Digital Input Voltage to DGND
–0.3V to DVDD + 0.3V
Digital Output Voltage to DGND
–0.3V to AVDD + 0.3V
Operating Temperature
0°C to +70°C
Storage Temperature
–60°C to +150°C
Junction Temperature (TJ)
+150°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com