Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 9Page - Texas Instruments DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments DDC232 Datasheet HTML 12Page - Texas Instruments DDC232 Datasheet HTML 13Page - Texas Instruments DDC232 Datasheet HTML 14Page - Texas Instruments DDC232 Datasheet HTML 15Page - Texas Instruments DDC232 Datasheet HTML 16Page - Texas Instruments DDC232 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
Table 7. Configuration Register
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Range[2]
Range[1]
Range[0]
Format
Version
Clk_4x
0
0
0
0
0
Test
Bits 11–9
Range[2:0]. Full-scale range.
000: 12.5pC
100: 200pC
001: 50pC
101: 250pC
010: 100pC
110: 300pC
011: 150pC
111: 350pC (default)
Bit 8
Format. Data output format. This bit selects how many bits are used in the data output word.
0: 16-Bit Output
1: 20-Bit Output (default)
Bit 7
Version. Device version setting.
Must be set to '0' for DDC232C
Must be set to '1' for DDC232CK
Bit 6
Clk_4x. System clock divider. The Clk_4x input enables an internal divider on the system clock.
When Clk_4x = 1, the system clock is divided by 4. This allows a 4X faster system clock, which
in turn provides a finer quantization of the integration time because the CONV signal needs to be
synchronized with the system clock for the best performance.
0: Internal Clock Divider = 1 (default)
1: Internal Clock Divider = 4
Clk_4x BIT
CLK DIVIDER VALUE
CLK FREQUENCY
INTERNAL CLOCK FREQUENCY
0
1
5MHz
5MHz
1
4
20MHz
5MHz
Bits 5–1
These bits must be set to '0'.
Bit 0
Test. Diagnostic test mode enable. When Test mode is used, the inputs (IN1 through IN32) are
disconnected from the DDC232 integrators to enable the user to measure a zero input signal
regardless of the current supplied to the inputs. Test mode works with both Continuous and
Noncontinuous modes.
0: Test Mode Off (default)
1: Test Mode On
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com