Electronic Components Datasheet Search
  English  ▼

X  

X9C303PI Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C303PI
Description  Digitally Controlled Potentiomet (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303PI Datasheet(HTML) 5 Page - Intersil Corporation

  X9C303PI Datasheet HTML 1Page - Intersil Corporation X9C303PI Datasheet HTML 2Page - Intersil Corporation X9C303PI Datasheet HTML 3Page - Intersil Corporation X9C303PI Datasheet HTML 4Page - Intersil Corporation X9C303PI Datasheet HTML 5Page - Intersil Corporation X9C303PI Datasheet HTML 6Page - Intersil Corporation X9C303PI Datasheet HTML 7Page - Intersil Corporation X9C303PI Datasheet HTML 8Page - Intersil Corporation X9C303PI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8223.0
March 11, 2005
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Standard Parts
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
A.C. CONDITIONS OF TEST
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ. (1)
Max.
ICC
VCC active current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ max. tCYC
ISB
Standby supply current
200
750
µA
CS = VCC - 0.3V, U/D and
INC =VSS or VCC - 0.3V
ILI
CS, INC, U/D input leakage
current
±10
µA
VIN = VSS to VCC
VIH
CS, INC, U/D input HIGH
voltage
2VCC + 1
V
VIL
CS, INC, U/D input LOW
voltage
-1
0.8
V
RW
Wiper resistance
40
100
Ω
Max. Wiper Current ±1mA
VH
VH terminal voltage
-5
+5
V
VL
VL terminal voltage
-5
+5
V
CIN (2)
CS, INC, U/D input capacitance
10
pF
VCC = 5V, VIN = VSS,
TA = 25°C, f = 1MHz
CH/CL/CW
Potentiometer capacitance
10/10/25
pF
See Circuit 3
Test Circuit #1
Test Point
VW
VH
VL
VS
Test Circuit #2
Force
VL
VW
VH
Test Point
Current
Circuit #3 SPICE Macro Model
CW
RTOTAL
RH
RL
CH
RW
10pF
CL
10pF
25pF
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
Supply Voltage
Limits
X9C303
5V ±10%
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9C303
32k
Ω
Log Taper
40
Ω Typical
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
X9C303



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com