Electronic Components Datasheet Search
  English  ▼

X  

X4323 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X4323
Description  CPU Supervisor with 32K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4323 Datasheet(HTML) 1 Page - Intersil Corporation

  X4323 Datasheet HTML 1Page - Intersil Corporation X4323 Datasheet HTML 2Page - Intersil Corporation X4323 Datasheet HTML 3Page - Intersil Corporation X4323 Datasheet HTML 4Page - Intersil Corporation X4323 Datasheet HTML 5Page - Intersil Corporation X4323 Datasheet HTML 6Page - Intersil Corporation X4323 Datasheet HTML 7Page - Intersil Corporation X4323 Datasheet HTML 8Page - Intersil Corporation X4323 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8122.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X4323, X4325
32K, 4K x 8 Bit
CPU Supervisor with 32K EEPROM
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog off
—3mA active current
• 32Kbits of EEPROM
—64-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block Lock (1, 2, 4, 8 pages, all, none)
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8-lead SOIC
—8-lead TSSOP
DESCRIPTION
The X4323/5 combines four popular functions, Power-
on Reset Control, Watchdog Timer, Supply Voltage
Supervision, and Serial EEPROM Memory in one pack-
age. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable time
out interval, the device activates the RESET/RESET
signal. The user selects the interval from three preset
values. Once selected, the interval does not change,
even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the set minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Four industry
standard VTRIP thresholds are available, however, Inter-
sil’s unique circuits allow the threshold to be repro-
grammed to meet custom requirements or to fine-tune
the threshold for applications requiring higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET (X4323)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4325)
S0
S1
Data Sheet
March 29, 2005


Similar Part No. - X4323

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4323S8 INTERSIL-X4323S8 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4323S8-2.7 INTERSIL-X4323S8-2.7 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4323S8-2.7A INTERSIL-X4323S8-2.7A Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4323S8-4.5A INTERSIL-X4323S8-4.5A Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
More results

Similar Description - X4323

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com