Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 199Page - STMicroelectronics ST92195C Datasheet HTML 200Page - STMicroelectronics ST92195C Datasheet HTML 201Page - STMicroelectronics ST92195C Datasheet HTML 202Page - STMicroelectronics ST92195C Datasheet HTML 203Page - STMicroelectronics ST92195C Datasheet HTML 204Page - STMicroelectronics ST92195C Datasheet HTML 205Page - STMicroelectronics ST92195C Datasheet HTML 206Page - STMicroelectronics ST92195C Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 249 page
background image
203/249
ST92195C/D - VOLTAGE SYNTHESIS TUNING CONVERTER (VS)
VOLTAGE SYNTHESIS (Cont’d)
BRM Generation
The BRM bits allow the addition of a pulse to wid-
en a standard PWM pulse for specific PWM cy-
cles. This has the effect of “fine-tuning” the PWM
Duty cycle (without modifying the base duty cycle),
thus, with the external filtering, providing additional
fine voltage steps.
The incremental pulses (with duration of TINTCLK/
4) are added to the beginning of the original PWM
pulse and thus cause the PWM high time to be ex-
tended by this time with a corresponding reduction
in the low time. The PWM intervals which are add-
ed to are specified in the lower 7 bits of the tuning
word and are encoded as shown in the following
table.
Table 36. 7-Bit BRM Pulse Addition Positions
The BRM values shown may be combined togeth-
er to provide a summation of the incremental pulse
intervals specified.
The pulse increment corresponds to the PWM res-
olution.
Figure 110. Simplified Filtered Voltage Output Schematic with BRM added
Fine Tuning
No. of Pulses added at the
following Cycles
0000001
64
0000010
32, 96
0000100
16, 48, 80, 112
0001000
8, 24,... 104, 120
0010000
4, 12,... 116, 124
0100000
2, 6,... 122, 126
1000000
1, 3,... 125, 127
VDD
PWMOUT
0V
VDD
OUTPUT
VOLTAGE
0V
BRM = 1
BRM = 0
T
INTCLK/4
BRM
EXTENDED PULSE
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com