Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 201Page - STMicroelectronics ST92195C Datasheet HTML 202Page - STMicroelectronics ST92195C Datasheet HTML 203Page - STMicroelectronics ST92195C Datasheet HTML 204Page - STMicroelectronics ST92195C Datasheet HTML 205Page - STMicroelectronics ST92195C Datasheet HTML 206Page - STMicroelectronics ST92195C Datasheet HTML 207Page - STMicroelectronics ST92195C Datasheet HTML 208Page - STMicroelectronics ST92195C Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 249 page
background image
205/249
ST92195C/D - PWM GENERATOR
7.13 PWM GENERATOR
7.13.1 Introduction
The PWM (Pulse Width Modulated) signal genera-
tor allows the digital generation of up to 8 analog
outputs when used with an external filtering net-
work.
The unit is based around an 8-bit counter which is
driven by a programmable 4-bit prescaler, with an
input clock signal equal to the internal clock
INTCLK divided by 2. For example, with a 12 MHz
Internal clock, using the full 8-bit resolution, a fre-
quency range from 1465 Hz up to 23437 Hz can
be achieved.
Higher frequencies, with lower resolution, can be
achieved by using the autoclear register. As an ex-
ample, with a 12 MHz Internal clock, a maximum
PWM repetition rate of 93750 Hz can be reached
with 6-bit resolution.
Note: The number of output pins is device de-
pendant. Refer to the device pinout description.
Figure 111. PWM Block Diagram.
Autoclear
Compare 7
Compare 6
Compare 5
Compare 4
Compare 3
Compare 2
Compare 1
Compare 0
VR01765
PWM7
PWM0
8 Bit Counter
4 Bit Presc.
Control Logic
INTCLK/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com