Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 204Page - STMicroelectronics ST92195C Datasheet HTML 205Page - STMicroelectronics ST92195C Datasheet HTML 206Page - STMicroelectronics ST92195C Datasheet HTML 207Page - STMicroelectronics ST92195C Datasheet HTML 208Page - STMicroelectronics ST92195C Datasheet HTML 209Page - STMicroelectronics ST92195C Datasheet HTML 210Page - STMicroelectronics ST92195C Datasheet HTML 211Page - STMicroelectronics ST92195C Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 249 page
background image
208/249
ST92195C/D - PWM GENERATOR
PWM GENERATOR (Cont’d)
AUTOCLEAR REGISTER (ACR)
R248 - Read/Write
Register Page: 59
Reset Value: 1111 1111 (FFh)
This register behaves exactly as a 9th compare
Register, but its effect is to clear the CRR counter
register, so causing the desired PWM repetition
rate.
The reset condition generates the free running
mode. So, FFh means count by 256.
Bit 7:0 = AC[7:0]:
Autoclear Count Value.
When 00 is written to the Compare Register, if the
ACR register = FFh, the PWM output bit is always
set except for the last clock count (255 set and 1
reset; the converse when the output is comple-
mented). If the ACR content is less than FFh, the
PWM output bit is set for a number of clock counts
equal to that content (see Figure 2).
Writing the Compare register constant equal to the
ACR register value causes the output bit to be al-
ways reset (or set if complemented).
Example: If 03h is written to the Compare Regis-
ter, the output bit is reset when the CRR counter
reaches the ACR register value and set when it
reaches the Compare register value (after 4 clock
counts, see Figure 112.). The action will be re-
versed if the output is complemented. The PWM
mark/space
ratio
will
remain
constant
until
changed by software writing a new value in the
ACR register.
COUNTER REGISTER (CRR)
R249 - Read Only
Register Page: 59
Reset Value: 0000 0000 (00h)
This read-only register returns the current counter
value when read.
The 8 bit Counter is initialized to 00h at reset, and
is a free running UP counter.
Bit 7:0 = CR[7:0]:
Current Counter Value.
PRESCALER
AND
CONTROL
REGISTER
(PCTL)
R250 - Read/Write
Register Page: 59
Reset Value: 0000 1100 (0Ch)
Bit 7:4 = PR[3:0]
PWM Prescaler value.
These bits hold the Prescaler preset value. This is
reloaded into the 4-bit prescaler whenever the
prescaler (DOWN Counter) reaches the value 0,
so determining the 8-bit Counter count frequency.
The value 0 corresponds to the maximum counter
frequency which is INTCLK/2. The value Fh corre-
sponds to the maximum frequency divided by 16
(INTCLK/32).
The reset condition initializes the Prescaler to the
Maximum Counter frequency.
Bit 3:2 = Reserved. Forced by hardware to “1”
Bit 1 = CLR:
Counter Clear.
This bit when set, allows both to clear the counter,
and to reload the prescaler. The effect is also to
clear the PWM output. It returns “0” if read.
Bit 0 = CE:
Counter Enable.
This bit enables the counter and the prescaler
when set to “1”. It stops both when reset without
affecting their current value, allowing the count to
be suspended and then restarted by software “on
fly”.
70
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
70
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
70
PR3
PR2
PR1
PR0
1
1
CLR
CE
PR[3:0]
Divider Factor
Frequency
0
1
INTCLK/2 (Max.)
1
2
INTCLK/4
2
3
INTCLK/6
..
..
..
Fh
16
INTCLK/32 (Min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com