Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 239 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 239 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 235Page - STMicroelectronics ST92195C Datasheet HTML 236Page - STMicroelectronics ST92195C Datasheet HTML 237Page - STMicroelectronics ST92195C Datasheet HTML 238Page - STMicroelectronics ST92195C Datasheet HTML 239Page - STMicroelectronics ST92195C Datasheet HTML 240Page - STMicroelectronics ST92195C Datasheet HTML 241Page - STMicroelectronics ST92195C Datasheet HTML 242Page - STMicroelectronics ST92195C Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 249 page
background image
239/249
ST92E195C/D-ST92T195C/D - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
PIN CAPACITANCE
(VDD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified)
CURRENT CONSUMPTION
(VDD= 5V +/-10%; TA= 0 to 70°C; unless otherwise specified)
Notes:
1. Port 0 is configured in push-pull output mode (output is high). Ports 2, 3, 4 and 5 are configured in bi-directional weak pull-up mode resistor.
The external CLOCK pin (OSCIN) is driven by a square wave external clock at 8 MHz. The internal clock prescaler is in divide-by-1 mode.
2. The CPU is fed by a 24 MHz frequency issued by the Main Clock Controller. VSYNC is tied to
VSS, HSYNC is driven by a 15625Hz clock.
All peripherals working including Display.
3. The CPU is fed by a 24 MHz frequency issued by the Main Clock Controller. VSYNC is tied to
VSS, HSYNC is driven by a 15625Hz clock.
The TDSRAM interface and the Slicers are working; the Display controller is not working.
4. VSYNC and HSYNC tied to
VSS. External CLOCK pin (OSCIN) is hold low. All peripherals are disabled.
EXTERNAL INTERRUPT TIMING TABLE
(VDD = 5V ± 10%, TA = 0°C +70° C, Cload = 50 pF, INTCLK = 12 MHz, Push-pull output configuration, un-
less otherwise specified)
Note: The value left hand two columns show the formula used to calculate the timing minimum or maximum from the oscillator clock period,
prescale value and number of wait cycles inserted.
The value right hand two columns show the timing minimum for an external clock at 24 MHz divided by 2, prescale value of zero and zero
wait status.
TpC = OSCIN clock period
Symbol
Parameter
Conditions
Value
Unit
min
max
CIO
Pin Capacitance Digital Input/Output
10
pF
Symbol
Parameter
Conditions
Value
Unit
min
typ.
max
IDD1
Run Mode Current
Notes 1,2; all ON
70
100
mA
IDDA1
Run Mode Analog Current
(pin VDDA)
Timing Controller ON
35
50
mA
IDD2
HALT Mode Digital Current
Notes 1,4
10
100
µA
IDDA2
HALT Mode Analog Current
(pin VDDA)
Notes 1,4
10
100
µA
N°
Symbol
Parameter
Value (Note)
Unit
OSCIN Divided
by 2 Min.
OSCIN Not Divided
by 2 Min.
Min.
1
TwLR
Low Level Minimum Pulse Width in Rising
Edge Mode
2TpC+12
TpC+12
95
ns
2
TwHR
High Level Minimum Pulse Width in Rising
Edge Mode
2TpC+12
TpC+12
95
ns
3
TwHF
High Level Minimum Pulse Width in Falling
Edge Mode
2TpC+12
TpC+12
95
ns
4
TwLF
Low Level Minimum Pulse Width in Falling
Edge Mode
2TpC+12
TpC+12
95
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com