Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 239Page - STMicroelectronics ST92195C Datasheet HTML 240Page - STMicroelectronics ST92195C Datasheet HTML 241Page - STMicroelectronics ST92195C Datasheet HTML 242Page - STMicroelectronics ST92195C Datasheet HTML 243Page - STMicroelectronics ST92195C Datasheet HTML 244Page - STMicroelectronics ST92195C Datasheet HTML 245Page - STMicroelectronics ST92195C Datasheet HTML 246Page - STMicroelectronics ST92195C Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 249 page
background image
243/249
ST92E195C/D-ST92T195C/D - ELECTRICAL CHARACTERISTICS
I²C BUS TIMING
1)The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the unde-
fined region of the falling edge of SCL
2)The maximum hold time of the START condition has only to be met if the interface does not stretch the low period
of SCL signal
Cb = total capacitance of one bus line in pF
Symbol
Parameter
Standard I²C
Fast I²C
Unit
Min
Max
Min
Max
TBUF
Bus free time between a STOP and START con-
dition
4.7
1.3
ms
THD:STA
Hold time START condition. After this period,
the first clock pulse is generated
4.0
0.6
µs
TLOW
LOW period of the SCL clock
4.7
1.3
µs
THIGH
HIGH period of the SCL clock
4.0
0.6
µs
TSU:STA
Set-up time for a repeated START condition
4.7
0.6
µs
THD:DAT
Data hold time
0 (1)
0 (1)
0.9(2)
ns
TSU:DAT
Data set-up time
250
100
ns
TR
Rise time of both SDA and SCL signals
1000
20+0.1Cb
300
ns
TF
Fall time of both SDA and SCL signals
300
20+0.1Cb
300
ns
TSU:STO
Set-up time for STOP condition
4.0
0.6
ns
Cb
Capacitive load for each bus line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com