Electronic Components Datasheet Search
  English  ▼

X  

ST92195C Datasheet(PDF) 247 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 247 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 241Page - STMicroelectronics ST92195C Datasheet HTML 242Page - STMicroelectronics ST92195C Datasheet HTML 243Page - STMicroelectronics ST92195C Datasheet HTML 244Page - STMicroelectronics ST92195C Datasheet HTML 245Page - STMicroelectronics ST92195C Datasheet HTML 246Page - STMicroelectronics ST92195C Datasheet HTML 247Page - STMicroelectronics ST92195C Datasheet HTML 248Page - STMicroelectronics ST92195C Datasheet HTML 249Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 247 / 249 page
background image
247/249
ST92E195C/D-ST92T195C/D - GENERAL INFORMATION
STMicroelectronics OPTION LIST
ST92T195C/D - ST92E195C/D
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Fax No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
STMicroelectronics reference:
Device:
[ ] ST92E195C8
[ ] ST92E195D7
84K EPROM
64K EPROM
[ ] ST92T185C8
[ ] ST92T195D7
84K OTP
64K OTP
Package : [ ] SDIP56
[ ] QFP64
Temperature Range : 0° to 70° C
Software Development:
[ ] STMicroelectronics
[ ] Customer
[ ] External laboratory
Special Marking:[ ] No
SDIP56
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _"
QFP64
[ ] Yes "_ _ _ _ _ _ _ _ _ _ "
For marking, one line is possible with maximum 14 characters (SDIP56) or 10 characters
(TQFP64). Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Please consult your local ST Microelectronics sales office for other marking details if required.
Notes
:
OSD Code
: [ ] OSD Files Filename [........ .OS0]Filename [........ .OS1]
Quantity forecast : [..................] k units per year
For a period of
: [..................] years
Preferred Production start dates : [../../..] (YY/MM/DD)
Date
Customer Signature :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com