Electronic Components Datasheet Search
  English  ▼

X  

ST92195C6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 104Page - STMicroelectronics ST92195C6 Datasheet HTML 105Page - STMicroelectronics ST92195C6 Datasheet HTML 106Page - STMicroelectronics ST92195C6 Datasheet HTML 107Page - STMicroelectronics ST92195C6 Datasheet HTML 108Page - STMicroelectronics ST92195C6 Datasheet HTML 109Page - STMicroelectronics ST92195C6 Datasheet HTML 110Page - STMicroelectronics ST92195C6 Datasheet HTML 111Page - STMicroelectronics ST92195C6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 249 page
background image
108/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Table 21. Parallel Color and Shape Attributes.
Double Size: (available in Parallel mode or in Line mode) by setting Double Width plus Double Height at-
tributes.
Figure 62. Parallel Color and Shape Attributes
BIT
NAME
FUNCTION
REMARKS
0
BR
Background Red
1
BG
Background Green
2
BB
Background Blue
3
HI
Half-Intensity
Only for Background.
4
FR
Foreground Red
5
FG
Foreground Green
6
FB
Foreground Blue
7
PS= 0
Parallel Attribute Selection
Color mode of parallel attributes
0
CSS
Character set selection
G2-Menu characters or G1/Extended menu charac-
ters selection
1
US
Underline/Seperated
mosaic
Dual function depending on character code
2
DH
Double height
The character is 20 pixels high
.
3
DW
Double width
The character is 20 pixels wide. Available in Parallel
mode or in Line mode. Characters are stretched hor-
izontally, to occupy in addition, the next character
space. It is possible to mix it with double height. To
display a double width character the attribute must be
“double width” on the character and “simple width” on
the next which can be a serial attribute. In this case
the first character is memorised. If two “double width”
attributes are on two adjacent characters, the first half
of the second is displayed instead of the second half
of the first one.
4
UH
Upper half character (if 1)
Active only if Double Height or Size requested
5
BX
Box mode
Boxing window created (if 1)
6
SR
Smooth rounding
Special rounding effect (See Figure 53 on page 99)
7
PS= 1
Parallel Attribute Selection
Shape mode of parallel attributes
Character
location
Attribute
location
A
31
B
4F
A B
A
B
A
31
B
88
80
DW SS
VR02115E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com