Electronic Components Datasheet Search
  English  ▼

X  

ST92195C6 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 106Page - STMicroelectronics ST92195C6 Datasheet HTML 107Page - STMicroelectronics ST92195C6 Datasheet HTML 108Page - STMicroelectronics ST92195C6 Datasheet HTML 109Page - STMicroelectronics ST92195C6 Datasheet HTML 110Page - STMicroelectronics ST92195C6 Datasheet HTML 111Page - STMicroelectronics ST92195C6 Datasheet HTML 112Page - STMicroelectronics ST92195C6 Datasheet HTML 113Page - STMicroelectronics ST92195C6 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 249 page
background image
110/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
Figure 63l. Parallel Mode Display Example 1 Showing Character and Attribute Byte Pairs
Parallel Mode Display Example 2
7.4.4.5 Rules When Using Size Attributes
Secondary effects can be generated when the
shape format is not respected.
The 3 figures below describe the combination of
parallel size attributes to obtain the different char-
acter sizes:
· Double Width
· Double Height
· Double Size
7.4.4.6
Example
of
using
Double
Width
Attribute
In parallel mode, double width on character can be
obtained using the following rule (Figure 64 on
page 111):
It is important to set Double Width (bit 3 of the
shape attribute) on the current character attribute
and Single Size on the following one. The second
character location can be either a serial attribute or
another character.
On the contrary, if a new color or a Double Width
attribute is set in the second attribute location, the
second part of the character is overlapped.
RAM content in Parallel Mode
AA
SA
B
ANF
B
I
A
Characters
X
SS : Simple Size b7 = 0
DW : Double Width b7 = 1
A
A
DS : Double Size b7 = 1
NC : New Colour b7 = 0
A
NF
I
I
A
A
DW
DW
NC
Parallel Attribute
SS
SS
NC
DW
SS
SS
SS
UH=1
DS
UH=0
NC
DH
UH=1
DH
UH=0
NC
NF
NF
A
A
Display
A
A
A
A
A B
A
A
A
A
DS
NC
NC
NC
NC
NF : New Foreground (Serial Attribute)
SA : Serial Attribute
DH
UH=1
DH
UH =0
VR02112F
e
M nu
s s
1
T re bl e
B a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com