Electronic Components Datasheet Search
  English  ▼

X  

ST92195C6 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 107Page - STMicroelectronics ST92195C6 Datasheet HTML 108Page - STMicroelectronics ST92195C6 Datasheet HTML 109Page - STMicroelectronics ST92195C6 Datasheet HTML 110Page - STMicroelectronics ST92195C6 Datasheet HTML 111Page - STMicroelectronics ST92195C6 Datasheet HTML 112Page - STMicroelectronics ST92195C6 Datasheet HTML 113Page - STMicroelectronics ST92195C6 Datasheet HTML 114Page - STMicroelectronics ST92195C6 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 249 page
background image
111/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
Figure 64. Double Width Examples
7.4.4.7
Example
of
using
Double
Height
Attribute
In parallel mode, Double Height characters can be
obtained as follows. The Double Height attribute
concerns two consecutive rows. Repeat the char-
acter to magnify in the two rows. Set Bit 2 DH of
the shape attribute in the two locations and set or
reset bit 4 UH to define if it is the top or bottom
half-character.
Figure 65. Double Height Example
Attributes
location
Characters
location
Double width
A
New foreground
(serial attribute)
NF
A
SS
DW
Simple size
Double
width
1 ROW
Double width
A B
A
NC
DW
New color
Double
width
New foreground
(parallel attribute)
1 ROW
B
first half of the second
character is displayed
VR02115G
VR02115H
Display
New color
2 ROWS
Double height
upper half
DH
UH=1
DH
UH=0
Attributs
location
Characters
location
A
B
B
Double height
lower half
Double height
A
Shape
Propagation with
color
B
Previous/default color
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com