Electronic Components Datasheet Search
  English  ▼

X  

X9420WS Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9420WS
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS Datasheet(HTML) 4 Page - Intersil Corporation

  X9420WS Datasheet HTML 1Page - Intersil Corporation X9420WS Datasheet HTML 2Page - Intersil Corporation X9420WS Datasheet HTML 3Page - Intersil Corporation X9420WS Datasheet HTML 4Page - Intersil Corporation X9420WS Datasheet HTML 5Page - Intersil Corporation X9420WS Datasheet HTML 6Page - Intersil Corporation X9420WS Datasheet HTML 7Page - Intersil Corporation X9420WS Datasheet HTML 8Page - Intersil Corporation X9420WS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8195.0
March 7, 2005
Figure 1. Detailed Potentiometer Block Diagram
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW to
HIGH after a complete write sequence is received by
the device. The progress of this internal write operation
can be monitored by a Write In Process bit (WIP). The
WIP bit is read with a Read Status command.
INSTRUCTIONS
Address/Identification (ID) Byte
The first byte sent to the X9420 from the host,
following a CS going HIGH to LOW, is called the
Address or Identification byte. The most significant
four bits of the slave address are a device type
identifier, for the X9420 this is fixed as 0101[B] (refer
to Figure 2).
The least significant bit in the ID byte selects one of
two devices on the bus. The physical device address
is defined by the state of the A0 input pin. The X9420
compares the serial data stream with the address
input state; a successful compare of the address bit is
required for the X9420 to successfully continue the
command sequence. The A0 input can be actively
driven by a CMOS input signal or tied to VCC or VSS.
The remaining three bits in the ID byte must be set to 110.
Figure 2. Address/Identification Byte Format
Instruction Byte
The next byte sent to the X9420 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next two
bits point to one of four data registers. The format is
shown below in Figure 3.
Figure 3. Instruction Byte Format
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
REGISTER 2
REGISTER 3
Serial
Bus
Input
Parallel
Bus
Input
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCK
UP/DN
VH
VL
VW
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
IF WCR = 00[H] THEN VW = VL
IF WCR = 3F[H] THEN VW = VH
Wiper
(WCR)
1
00
11
0A0
Device Type
Identifier
Device Address
1
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions
X9420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com