Electronic Components Datasheet Search
  English  ▼

X  

X9420WS Datasheet(PDF) 18 Page - Intersil Corporation

Part # X9420WS
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS Datasheet(HTML) 18 Page - Intersil Corporation

Back Button X9420WS Datasheet HTML 12Page - Intersil Corporation X9420WS Datasheet HTML 13Page - Intersil Corporation X9420WS Datasheet HTML 14Page - Intersil Corporation X9420WS Datasheet HTML 15Page - Intersil Corporation X9420WS Datasheet HTML 16Page - Intersil Corporation X9420WS Datasheet HTML 17Page - Intersil Corporation X9420WS Datasheet HTML 18Page - Intersil Corporation X9420WS Datasheet HTML 19Page - Intersil Corporation X9420WS Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
FN8195.0
March 7, 2005
PACKAGING INFORMATION
16-Lead Plastic SOIC (300 Mil Body) Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.014 (0.35)
0.020 (0.51)
PIN 1
PIN 1 INDEX
0.050 (1.27)
0.403 (10.2 )
0.413 ( 10.5)
(4X) 7°
0.420"
0.050" Typical
0.030" Typical
16 Places
FOOTPRINT
0.010 (0.25)
0.020 (0.50)
0.0075 (0.19)
0.010 (0.25)
0
° - 8 °
X 45
°
0.050"
Typical
0.290 (7.37)
0.299 (7.60)
0.393 (10.00)
0.420 (10.65)
0.003 (0.10)
0.012 (0.30)
0.092 (2.35)
0.105 (2.65)
0.015 (0.40)
0.050 (1.27)
X9420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com