Electronic Components Datasheet Search
  English  ▼

X  

74AC16541 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC16541
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16541 Datasheet(HTML) 2 Page - STMicroelectronics

  74AC16541 Datasheet HTML 1Page - STMicroelectronics 74AC16541 Datasheet HTML 2Page - STMicroelectronics 74AC16541 Datasheet HTML 3Page - STMicroelectronics 74AC16541 Datasheet HTML 4Page - STMicroelectronics 74AC16541 Datasheet HTML 5Page - STMicroelectronics 74AC16541 Datasheet HTML 6Page - STMicroelectronics 74AC16541 Datasheet HTML 7Page - STMicroelectronics 74AC16541 Datasheet HTML 8Page - STMicroelectronics 74AC16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74AC16541
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1, 48
1G1,1G2
Output Enable Inputs
2, 3, 5, 6, 8, 9,
11, 12
1Y1 to 1Y8 Data Outputs
13, 14, 16, 17,
19, 20, 22, 23
2Y1 to 2Y8 Data Outputs
24, 25
2G1,2G2
Output Enable Inputs
36, 35, 33, 32,
30, 29, 27, 26
2A1 to 2A8 Data Outputs
47, 46, 44, 43,
41, 40, 38, 37
1A1 to 1A8 Data Outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G1
G2
An
Yn
H
XXZ
XHX
Z
LL
H
H
LLL
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com