Electronic Components Datasheet Search
  English  ▼

X  

74AC16541 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74AC16541
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16541 Datasheet(HTML) 4 Page - STMicroelectronics

  74AC16541 Datasheet HTML 1Page - STMicroelectronics 74AC16541 Datasheet HTML 2Page - STMicroelectronics 74AC16541 Datasheet HTML 3Page - STMicroelectronics 74AC16541 Datasheet HTML 4Page - STMicroelectronics 74AC16541 Datasheet HTML 5Page - STMicroelectronics 74AC16541 Datasheet HTML 6Page - STMicroelectronics 74AC16541 Datasheet HTML 7Page - STMicroelectronics 74AC16541 Datasheet HTML 8Page - STMicroelectronics 74AC16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74AC16541
4/9
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (CL =50pF, RL = 500 Ω, Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25 °C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
2.1
1.5
2.1
2.1
V
4.5
3.15
2.25
3.15
3.15
5.5
3.85
2.75
3.85
3.85
VIL
Low Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
1.5
0.9
0.9
0.9
V
4.5
2.25
1.35
1.35
1.35
5.5
2.75
1.65
1.65
1.65
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
3.0
IO=-12 mA
2.56
2.46
2.46
4.5
IO=-24 mA
3.86
3.76
3.76
5.5
IO=-24 mA
4.86
4.76
4.76
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
4.5
IO=50 µA
0.001
0.1
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
0.1
3.0
IO=12 mA
0.36
0.44
0.44
4.5
IO=24 mA
0.36
0.44
0.44
II
Input Leakage
Current
5.5
VI =VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
5.5
VI =VIH or VIL
VO =VCC or GND
± 0.5
± 5
± 5
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
880
80
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
AtoY
3.3(*)
6.3
7.5
9.5
9.5
ns
5.0(**)
4.5
7.0
9.0
9.0
tPZL tPZH Output Enable
Time
3.3(*)
8.5
10.0
12.0
12.0
ns
5.0(**)
5.5
7.0
9.0
9.0
tPLZ tPHZ Output Disable
Time
3.3(*)
7.5
9.0
11.5
11.5
ns
5.0(**)
6.0
8.0
11.0
11.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com