Electronic Components Datasheet Search
  English  ▼

X  

FTB5240 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTB5240
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB5240 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTB5240 Datasheet HTML 1Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 2Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 3Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 4Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTB5240
2014. 07. 01
1/5
Revision No : 0
SOT–23
1
3
2
General Purpose Transistors
-40V,-2A Low VCE(sat) PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
-40
V
Collector–Base Voltage
V CBO
-40
V
Emitter–Base Voltage
V EBO
-5.0
V
Collector Current — Continuous
I C
-2
A
total power dissipation
D
Junction temperature
T j
150
°C
Storage temperature
T stg
-65 ~+150
°C
THERMAL CHARACTERISTICS
ORDERING INFORMATION
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air;note 1
in free air;note 2
417
K/W
260
K/W
• Low collector-emitter saturation voltage
• High current capability
• Improved device reliability due to reduced heat generation
• Replacement for SOT89/SOT-223 standard packaged transistors.
• Supply line switching circuits
• Battery management applications
• DC/DC converter applications
• Strobe flash units
• Heavy duty battery powered equipment (motor and lamp drivers).
PNP low VCEsat transistor in a SOT-23 plastic package. NPN complement: FTD4240
We declare that the material of product compliance with RoHS requirements.
•
P
0.3
W
FTB5240
ZF
3000/Tape & Reel
Device
Marking
Shipping
DESCRIPTION
APPLICATIONS
FEATURES
1.Device mounted on a printed-circuit board,single sided copper,tinplated and standard footprint.
Notes:
2.Device mounted on a printed-circuit board,single sided copper,tinplated and mounted pad for collector 1 cm.2
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - FTB5240

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
Higher speed and longer life
logo
Mini-Circuits
FTB-1-1 MINI-FTB-1-1 Datasheet
178Kb / 1P
RF Transformer
FTB-1-1+ MINI-FTB-1-1+ Datasheet
178Kb / 1P
RF Transformer
FTB-1-1-75 MINI-FTB-1-1-75 Datasheet
182Kb / 1P
RF Transformer
FTB-1-1-75+ MINI-FTB-1-1-75+ Datasheet
182Kb / 1P
RF Transformer
More results

Similar Description - FTB5240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com