Electronic Components Datasheet Search
  English  ▼

X  

FTB5240 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB5240
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB5240 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB5240 Datasheet HTML 1Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 2Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 3Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 4Page - First Silicon Co., Ltd FTB5240 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FTB5240
2014. 07. 01
2/5
Revision No : 0
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −30 V; IE = 0
−
−100
nA
IEBO
emitter-base cut-off current
VBE = −4 V; IC = 0
−
−100
nA
hFE
DC current gain
VCE = −2 V
IC = −100 mA
300
−
IC = −500 mA
260
−
IC = −1 A
210
−
IC = −2 A
100
−
VCEsat
collector-emitter saturation voltage IC = −100 mA; IB = −1 mA
−
−100
mV
IC = −500 mA; IB = −50 mA
−
−110
mV
IC = −750 mA; IB = −15 mA
−
−225
mV
IC = −1 A; IB = −50 mA
−
−225
mV
IC = −2 A; IB = −200 mA
−
−350
mV
VBE(on)
base-emitter turn-on voltage
VCE =
−2 V; IC = −100 mA
−
−0.75
V
VBEsat
base-emitter saturation voltage
IC = −2 A; IB = −200 mA
−
−1.1
V
fT
transition frequency
IC = −100 mA; VCE = −10 V;
f = 100 MHz
100
−
MHz
Cc
collector capacitance
VCB = −10 V; IE = Ie = 0;
−
28
pF
f = 1 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com