Electronic Components Datasheet Search
  English  ▼

X  

FTC2316 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2316
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2316 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2316 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2316 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTC2316
2011. 6. 08
1/2
Revision No : 0
1. EMITTER
2. COLLECTOR
3. BASE
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.2 MAX
5.1 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.10 MAX
L
C
1
2
3
FTC2316 TRANSISTOR (NPN)
FEATURES
Driver Stage Amplifier
Complement to FTA916
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
V
0
2
1
e
g
a
tl
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
Collector-Emitter Voltage
120
V
VEBO
V
5
e
g
a
tl
o
V
e
s
a
B
-
r
e
tt
i
m
E
IC
Collector Current -Continuous
800
mA
PC
Collector Power Dissipation
900
mW
TJ
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
℃
Tstg
0
5
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL
CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA, IE
V
0
2
1
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA, IB=0
120
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA, IC
V
5
0
=
Collector cut-off current
ICBO
VCB=120V, IE
A
µ
1
.
0
0
=
hFE(1)
VCE=5V, IC=10mA
60
DC current gain
hFE(2)
VCE=5V, IC=100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
1
V
Transition frequency
fT
VCE=5V, IC=100mA
120
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF
hFE(2)
Rank
Y
O
Range
0
4
2
-
0
2
1
0
6
1
-
0
8


Similar Part No. - FTC2316

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2314 FS-FTC2314 Datasheet
351Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTC2316

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com