Electronic Components Datasheet Search
  English  ▼

X  

FTC2316 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC2316
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2316 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC2316 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2316 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTC2316
2011. 6. 08
2/2
Revision No : 0
Typical Characteristics
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Safe Operating Area
0
246
8
10
12
0
200
400
600
800
1000
I
B = 0
I
B = 1mA
I
B = 15mA
I
B = 10mA
I
B = 7mA
I
B = 5mA
I
B = 4mA
I
B = 3mA
I
B = 2mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
0
0
1
0
0
1
0
1
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
1000
0.01
0.1
1
10
I
C = 10 IB
I
C[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
10000
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
0
0
1
0
1
1
10
100
1000
10000
DC
OPE
RAT
ING
T
C
=2
5 oC
*Single Pulse
VCE[V], COLLECTOR-EMITTER VOLTAGE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com