Electronic Components Datasheet Search
  English  ▼

X  

SHV Datasheet(PDF) 3 Page - Bellnix Co.,Ltd.

Part # SHV
Description  Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

SHV Datasheet(HTML) 3 Page - Bellnix Co.,Ltd.

  SHV Datasheet HTML 1Page - Bellnix Co.,Ltd. SHV Datasheet HTML 2Page - Bellnix Co.,Ltd. SHV Datasheet HTML 3Page - Bellnix Co.,Ltd. SHV Datasheet HTML 4Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■
Standard usage instructions
■
Setting/Adjusting the SHV series
The SHV series output voltage can be adjusted using an
external voltage or external adjustable resistor.
The SHV series does not require any external parts, however
when the impedance is high, for example: the distance
between the power supply and converter is long, the input line
is thin, or the input side has a filter then connecting a capacitor
C1 to the input side is recommended.
Place the capacitor as close as possible near to the
converter pin side, to lower the lead inductance.
■
ON/OFF control
By opening and closing between the ON/OFF pin and Vin Com pin
the output voltage can be externally turned on and off.
Between the ON/OFF pin (5) and -Vin pin (2)
    
1) Open will turn the output ON
    
2) Short(0 to 1.0V、1mA max) will turn the output OFF
The ON/OFF pin is internally pulled up to 5V, so be careful
of the voltage from the switching element (photo couplers,
transistors, etc) of the ON/OFF pin.
Keep open when not using the ON/OFF control.
The chattering to the ON/OFF pin will affect the output voltage,
so choose one without any chattering. When the output is turned
off by ON/OFF control, the residual output voltage should be
within 0.5%. (at Input/Output rating)
■
Over current protection
The SHV series installed the over current protection to
protect from the over load and load short. When the
●
The above characteristics (Output voltage -VR resistor value
product status is in over load or load short mode, the
characteristic) graph is an indication of the resistance value
output voltage will be decreased, and once the problem
R1 and R2. Please check the output voltage bt the adjustable
has been removed, the voltage will increase again.
resistor etc. and adjust at the actual using.
●
Do not impress voltage higher than 4V+5% on the Vcont.
●
Use an adjustable resistor appliance with good temp
characteristics.
●
When the resistance value is 5.0KΩ(R1=0Ω, R2=5KΩ),
the max.voltage 4.0V will impress to Vcont pin. Therefore,
the margin of error for the resistance value will largely
affect the max output voltage, so use the resistance
value as 5.0KΩ±5%.
3
BHV20080822
100%
80%
60%
40%
20%
0%
Output voltage-VR resistance value
VR resistor value
R1 5KΩ
R2 0KΩ
0KΩ
5KΩ
Characteristic
ON/OFF
(5)
(2)
Non-isolated type
ON/OFF
(5)
(2)
Isolated type
-Vin
-Vin
12V
SW1
Load
6
3
+
C1
C2
5
+
C1=47μF
C2=4700pF
Output voltage control
(
Impress 0V to 4V)
4
ORG
(
OPEN)
1
2
7
+
Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref
Vcont
ON/OFF
SW1
Open=ON
Short=OFF
RED
RED
BLK
BLK
BLU
YEL
0 to 2000V
0 to 1500V
0 to 1000V
0 to 500V
SHV
100
80
60
40
20
0
0 Output current (lo)
100%
100% Output
50% Output
(%)
SHV series
Over current
protection
characteristic
Load
12V
6
1
2
3
+
C1
C2
4
7
+
Output voltage
control
(0V to 4V)
SHV
+Vin
Vcont
Vref
R1
R2
-Vin
Vout (+ or -)
Vout (Com)
Output voltage-Output control voltage
0V
100%
80%
60%
40%
20%
0%
4V
3V
2V
1V
Output control voltage
Characteristic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com