Electronic Components Datasheet Search
  English  ▼

X  

SHV Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # SHV
Description  Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

SHV Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  SHV Datasheet HTML 1Page - Bellnix Co.,Ltd. SHV Datasheet HTML 2Page - Bellnix Co.,Ltd. SHV Datasheet HTML 3Page - Bellnix Co.,Ltd. SHV Datasheet HTML 4Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SHV Series
■
Recommended pattern
■
Lowering the output noise even farther
1) The MHV series uses a metallic case. When mounting
The MHV series does need any external parts, however
to a double-sided PCB, the wiring for the converter should
to lower the output noise even farther, connect a
be on the soldering side.
capacitor C2 like the figure below.
Also, this converter will generate high voltages so the
creepage distance should also be taken in when designing.
2) When mounting to a double-sided PCB, the land of
the parts side of the high voltage output pin should
be as small as possible.
3) The metallic case does not need to be connect to ground.
However, when using and gound with the metallic case,
make the impedance lower as possible between the ground.
■
Vref pin (Standard voltage output)
When adjusting the output voltage with an adjustable
resistor, this pin is used. Vref has a standard output
When lowering the output noise even more, keep in mind the
voltage of 4V. In this case, use an external resistor with
input/output wiring, creepage and area distance, while
a resistance of 5KΩ.
keeping the wiring as thin as possible and layout the C2
The resistance(the margin of error) of external adjustable resistor
near to the Load.
will affect the setting value of Vref pin voltage, so use a resistor
with high accuracy of 5KΩ±5%. The type of adjustable resistor
(5KΩ) will not matter, however one with a well temperature
coefficient is recommended.
Point!
1) When choosing a capacitor that connect to the input,
choose one which is a high frequency characteristic capacitor.
2) Common pattern should be designed thick and short to
make same impedance small.
3) The capacitor which is connected to the output side should
be able to withstand the pressure, and connect to the load
side. At this time, the capacitor lead should be shortened.
Also,when the load response time is a problem, please be
■
Prevention of inverse input connection
aware of the time constant.
The converter may break if the polarities are reversed.
If there is a possibility in which the connections maybe
reversed, connect a diode and fuse to the input pin like
■
Guarantee
below.
This product shall be guaranteed for year. During this period,
if there should be any failure definitely due to our designing
or manufacturing, we will repair or replace it with a new one
at our expense. However, in any case that the product is
modified and/or has made any interal remodlling by the buyer,
the product can no longer be guaranteed. This guarantee shall
cover only the SHV series.
■
Recommended soldering conditions
■ If you have any further technical questions for this product,
Soldering conditions for each part is as follows:
please contact to us.
1) Using a soldering iron
340 to 360℃
5 sec.
2) Using a soldering tub
230 to 260℃
10 sec.
E-mail: info@bellnix.com
http://www.bellnix.com
4
Bellnix High Voltage DC-DC Converters
BHV20080822
12V
SW1
Load
1
2
4
6
3
SW1
Open=ON
Short=OFF
+
C1
C2
5
7
+
Output voltage control
(Impress 0V to 4V)
C1=22 to 47μF
C2=0.047 to 0.1μF
(OPEN)
+Vin
Vref
Vcont
ON/OFF
SHV
-Vin
Vout (+ or -)
Vout (Com)
Vout Com
Vcont
Vref
Vref voltage : 4±0.3V
3
4
Standard
voltage origin
circuit
External adjustable resistor (5.0KΩ)
6
SHV Series
+
SHV
+Vin
Fuse
12V
-Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com