Electronic Components Datasheet Search
  English  ▼

X  

1824653 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1824653
Description  PCB terminal block - SPT-SMD 1,5/ 4-H-3,81 R44
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1824653 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1824653 Datasheet HTML 1Page - PHOENIX CONTACT 1824653 Datasheet HTML 2Page - PHOENIX CONTACT 1824653 Datasheet HTML 3Page - PHOENIX CONTACT 1824653 Datasheet HTML 4Page - PHOENIX CONTACT 1824653 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1824653
05/20/2016   Page 1 / 5
PCB terminal block - SPT-SMD 1,5/ 4-H-3,81 R44 - 1824653
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4,
Connection method: Push-in spring connection, Mounting: SMD soldering, Conductor/PCB connection direction:
0 °, Color: black, Sample values available under SAMPLE SPT...
The illustration shows the 10-position
version
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
300 pc
Weight per Piece (excluding packing)
3.466 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
13.6 mm
Pitch
3.81 mm
Dimension a
11.43 mm
Width
15.43 mm
Height
7.7 mm
Pin dimensions
0,7 x 0,3
Pin spacing
7 mm
Hole diameter
1.1 mm
General
Range of articles
SPT 1,5/..-H-SMD
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V


Similar Part No. - 1824653

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824608 PHOENIX-1824608 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/10-H-3,5 R72
1824611 PHOENIX-1824611 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/11-H-3,5 R72
1824624 PHOENIX-1824624 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/12-H-3,5 R72
1824637 PHOENIX-1824637 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 2-H-3,81 R24
1824640 PHOENIX-1824640 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 3-H-3,81 R24
More results

Similar Description - 1824653

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824213 PHOENIX-1824213 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 4-V-3,81 R44
1824226 PHOENIX-1824226 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 5-V-3,81 R44
1824239 PHOENIX-1824239 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 6-V-3,81 R44
1824242 PHOENIX-1824242 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 7-V-3,81 R44
1824543 PHOENIX-1824543 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 4-H-3,5 R44
1824666 PHOENIX-1824666 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 5-H-3,81 R44
1824679 PHOENIX-1824679 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 6-H-3,81 R44
1824682 PHOENIX-1824682 Datasheet
102Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 7-H-3,81 R44
1824763 PHOENIX-1824763 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 4-H-5,0 R44
1824873 PHOENIX-1824873 Datasheet
106Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 4-H-5,08 R44
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com