Electronic Components Datasheet Search
  English  ▼

X  

1824653 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1824653
Description  PCB terminal block - SPT-SMD 1,5/ 4-H-3,81 R44
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1824653 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1824653 Datasheet HTML 1Page - PHOENIX CONTACT 1824653 Datasheet HTML 2Page - PHOENIX CONTACT 1824653 Datasheet HTML 3Page - PHOENIX CONTACT 1824653 Datasheet HTML 4Page - PHOENIX CONTACT 1824653 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1824653
05/20/2016   Page 2 / 5
PCB terminal block - SPT-SMD 1,5/ 4-H-3,81 R44 - 1824653
Technical data
General
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
13.5 A
Nominal cross section
1.5 mm²
Insulating material
LCP
Solder pin surface
Sn
Flammability rating according to UL 94
V0
Stripping length
8 mm
Number of positions
4
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.2 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.2 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
0.75 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
16
Standards and Regulations
Connection in acc. with standard
EN-VDE
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 4.0
27141111
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
eCl@ss 9.0
27440401



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com