Electronic Components Datasheet Search
  English  ▼

X  

1845331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1845331
Description  PCB terminal block - SPT 35/ 1-V-15,00
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1845331 Datasheet HTML 1Page - PHOENIX CONTACT 1845331 Datasheet HTML 2Page - PHOENIX CONTACT 1845331 Datasheet HTML 3Page - PHOENIX CONTACT 1845331 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1845331
11/20/2015   Page 1 / 4
PCB terminal block - SPT 35/ 1-V-15,00 - 1845331
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 125 A, Nom. voltage: 1000 V, Pitch: 15 mm, Number of positions: 1,
Connection method: Push-in-/Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction:
90 °, Color: green
The figure shows a 5-pos. version of
the product
Product Features
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Clamping space opened by means of fixed screwdriver enables convenient conductor connection
 Vertical connection enables multi-row arrangement on the PCB
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
20 pc
Custom tariff number
85369010
Country of origin
China
Technical data
Dimensions
Pitch
15.00 mm
Length of the solder pin
5.9 mm
Pin dimensions
1,5 x 1,5 mm
Pin spacing
16 mm
Hole diameter
2.2 mm
General
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV


Similar Part No. - 1845331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1845332 PHOENIX-1845332 Datasheet
175Kb / 12P
Feed-through header - MDSTBVA 2,5/ 2-G-5,08
More results

Similar Description - 1845331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701369 PHOENIX-1701369 Datasheet
48Kb / 3P
PCB terminal block - SPT 5/ 1-V-7,5 VPE500
1719309 PHOENIX-1719309 Datasheet
81Kb / 6P
PCB terminal block - SPT 5/ 1-V-7,5
1731468 PHOENIX-1731468 Datasheet
145Kb / 8P
PCB terminal block - SPT 2,5/ 1-V-5,0
1735862 PHOENIX-1735862 Datasheet
84Kb / 5P
PCB terminal block - SPT 16/ 1-V-10,0
1845344 PHOENIX-1845344 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 2-V-15,00
1845357 PHOENIX-1845357 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 3-V-15,00
1845360 PHOENIX-1845360 Datasheet
76Kb / 4P
PCB terminal block - SPT 35/ 4-V-15,00
1845373 PHOENIX-1845373 Datasheet
75Kb / 4P
PCB terminal block - SPT 35/ 5-V-15,00
1034421 PHOENIX-1034421 Datasheet
196Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
1986631 PHOENIX-1986631 Datasheet
516Kb / 11P
PCB terminal block - ZFKDS 10-15,00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com