Electronic Components Datasheet Search
  English  ▼

X  

1845331 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1845331
Description  PCB terminal block - SPT 35/ 1-V-15,00
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1845331 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1845331 Datasheet HTML 1Page - PHOENIX CONTACT 1845331 Datasheet HTML 2Page - PHOENIX CONTACT 1845331 Datasheet HTML 3Page - PHOENIX CONTACT 1845331 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1845331
11/20/2015   Page 2 / 4
PCB terminal block - SPT 35/ 1-V-15,00 - 1845331
Technical data
General
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
1000 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
125 A
Nominal cross section
35 mm²
Insulating material
PA
Flammability rating according to UL 94
V0
Stripping length
25 mm
Number of positions
1
Connection data
Conductor cross section solid min.
1.5 mm²
Conductor cross section solid max.
16 mm²
Conductor cross section flexible min.
1.5 mm²
Conductor cross section flexible max.
35 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min.
1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
35 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
1.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
35 mm²
Standards and Regulations
Connection in acc. with standard
EN-VDE
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 5.1
27141134
eCl@ss 6.0
27141134
ETIM
ETIM 4.0
EC002643
ETIM 5.0
EC002643
Approvals
Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com