Electronic Components Datasheet Search
  English  ▼

X  

AM79C031 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AM79C031
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AM79C031 Datasheet HTML 34Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
Am79213/Am79C203/031 Data Sheet
Table 10. User-Programmable Components
ZT is connected between the VTX and RSN pins. The fuse re-
sistors are RF. Z2WIN is the desired 2-wire AC input imped-
ance. When computing ZT, the internal current amplifier pole
and any external stray capacitance between VTX and RSN
must be taken into account.
ZRX is connected from VRX to RSN. ZT is defined above, and
G42L is the desired receive gain.
Thermal Management Equations (Normal Active and Tip Open States)
RTMG is connected from TMG to VBAT and is used to reduce
power dissipation within the ASLIC device in normal Active
and Tip Open states.
Power dissipated in the thermal management resistor, RTMG,
during normal Active and Tip Open states
Power dissipated in the ASLIC device while in normal Active
and Tip Open states
Thermal Management equations (Polarity Reverse State)
Note: ASLIC device die temperature should not exceed 140°C.
Power dissipated in the ASLIC device while in the Polarity
Reverse state
Total die temperature
Thermal impedance of the 32-pin plastic leaded chip carrier
package
Z
T
63.5
Z
2WIN
2R
F
–
()
•
=
Z
RX
Z
L
G
42L
------------
254
Z
T
•
Z
T
63.5
Z
L
2R
F
+
()
•
+
---------------------------------------------------------
•
=
R
TMG
V
BAT
VOFF
–
I
LOOP
-------------------------------------
=
P
RTMG
V
BAT
VOFF
–
I
LOOP
R
L
•
()
–
()
2
R
TMG
-----------------------------------------------------------------------------------
=
P
SL IC
V
BAT
I
LOOP
•
P
RTMG
–
R
L
I
LOOP
()
•
2
–
0.12 W
+
=
P
SL IC
V
BAT
I
LOOP
R
L
I
LOOP
()
2
•
()
–
•
0.12 W
+
=
T
SLIC
P
SLIC
θ
jA
T
AMBIE NT
+
•
=
ThetajA
θ
jA
() 43°⁄ watt
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com