Electronic Components Datasheet Search
  English  ▼

X  

AM79C031 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM79C031
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM79C031 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Publication# 080160
Rev: D Amendment: /0
Issue Date: April 2000
Am79213/Am79C203/031
Advanced Subscriber Line Interface Circuit (ASLIC™) Device
Advanced Subscriber Line Audio-Processing Circuit
(ASLAC™) Device
DISTINCTIVE CHARACTERISTICS
 Performs all of the functions of a codec-filter
 Single channel architecture
 Performs Battery-feed, Ring-trip, Signaling,
Coding, Hybrid and Test (BORSCHT) functions
 Single hardware design meets multiple country
requirements through software programming
 Standard microprocessor interface
 Industry standard PCM interface with full-time
slot assignment
 Monitor of two-wire interface voltage and current
for subscriber line diagnostics
 Low idle power per line
 On-hook transmission
 Only battery and +5 V supplies needed
 Exceeds LSSGR and CCITT central office
requirements
 Off-hook and ground-key detectors with
programmable thresholds
 Programmable line feed characteristics
independent of battery voltage
 Built-in voice path test modes
 Analog and digital hybrid balance capability
 Adaptive hybrid balance capability
 Linear power feed with power management and
thermal shutdown features
 Abrupt and smooth polarity reversal
 Power-cross detection in Ringing and Non-
ringing states
 Software programmable
— DC loop feed characteristics and current limit
— Loop supervision detection thresholds
— Off-hook detect debounce interval
— Two-wire AC impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization
— Digital I/O pins
— A-law/µ-law selection
 Linear data available on PCM ports for custom
compression and expansion
 Compatible with inexpensive protection
networks. Accommodates low tolerance fuse
resistors while maintaining longitudinal balance
to Bellcore specifications.
 Power/Service Denial state
 Small physical size
 Integrated ring trip function
 Four relay drivers with built-in energy
absorption zener diodes
 Synchronized ring relay operation: zero volts ac
on, zero current off
 Software enabled Normal or Automatic Ring-Trip
state
 On-chip 12 kHz and 16 kHz metering generation
with on and off meter pulse shaping
 Supports loop-start and ground-start signaling
 0°C to +70°C commercial operation guaranteed
by production testing
 –40°C to +85°C temperature range operation
available


Similar Part No. - AM79C031

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C031 AMD-AM79C031 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031A AMD-AM79C031A Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031AJC AMD-AM79C031AJC Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031JC AMD-AM79C031JC Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
More results

Similar Description - AM79C031

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com