Electronic Components Datasheet Search
  English  ▼

X  

AM79C203JC Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AM79C203JC
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C203JC Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AM79C203JC Datasheet HTML 23Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 25Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 26Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
ASLIC/ASLAC Products
27
Group Delay Distortion
For either transmission path, the group delay distortion is within the limits shown in Figure 2. The minimum value of
the group delay is taken as the reference. The signal level should be –10 dBm0.
Single Frequency Distortion
The output signal level at any single frequency in the range of 300 Hz to 3400 Hz, other than that due to an applied
0 dBm0 sine wave signal with frequency f0 in the same frequency range, is less than –46 dBm0. With f0 swept between
0 to 300 Hz and 3400 Hz to 12 kHz, any generated output signals other than f0 are less than –28 dBm0. This
specification is valid for either transmission path.
Intermodulation Distortion
Two sine wave signals of different frequencies f1 and f2 (not harmonically related) in the range 300 Hz to 3400 Hz
and of equal levels in the range –4 dBm0 to –21 dBm0 will not produce 2
• (f1 – f2) products having a level greater
than –42 dB relative to the level of the two input signals.
A sine wave signal in the frequency band 300 Hz to 3400 Hz with input level –9 dBm0 and a 50 Hz signal with input
level –23 dBm0 will not produce intermodulation products exceeding a level of –56 dBm0. These specifications are
valid for either transmission path.
0
500 600
1000
2600 2800
90
150
420
Delay (µs)
ASLAC Device Specification
(Either Path)
Frequency (Hz)
Figure 2. Group Delay Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com