Electronic Components Datasheet Search
  English  ▼

X  

AM79C203JC Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AM79C203JC
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C203JC Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AM79C203JC Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79C203JC Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ASLIC/ASLAC Products
39
ASLIC/ASLAC DEVICES LINECARD SCHEMATIC
AD
RSN
VTX
HPA
HPB
CHP
SA
ISUM
IDIF
C1
C2
RING BUS
RRX
C.O.
BATTERY
VREF
VREF
VOUT
VIN
ISUM
IDIF
IAB
RINGOUT
IREF
RREF
C1
C2
I/O1
I/O2
RY1OUT
K1
AGND
DGND
VCCA VCCD
VCC GND
BGND
+5 V
C3
CBAT
RY2OUT
TMG
RTMG
A
RFA
CAD
RFB
BD
SB
BAL1
VCC
U3
C4
K1A
K2
K1B
B
K2B
K2A
RSA
RSB
VDC
K3
RGFD1
+5 V
+5 V
1
2
3
4
RSR2
RSR1
VLBIAS
VLBIAS
C.O.
BATTERY
C5
IRTA
IRTB
IDC
IDC
D1
RY3OUT
K4
RM
VM
CDC1
RT
IBAT
QBAT
+
RBAT1
CB
RBAT2
+
+
+
+
CS
+
+
Polarized
Capacitor
Non polarized
Capacitor
+ indicates bias
Battery
Ground
Analog
Ground
Digital
Ground
DRA
DXA
MPI & PCM
Highway
Dual PCM Highway
(32-/44-Pin PLCC)
*These pins are unavailable for 32-pin PLCC option.
*I/O3
*I/O4
CM
VREF
CDIF
VBAT
RSVD
*DXB
*DRB
FS
RST
PCLK
MCLK
DI/O
DCLK
CS
TSCA
*TSCB
INT
(–)
CBD
TEST
BUS
R
T
E
S
T
RAB
ASLIC
(32-Pin PLCC)
ASLIC
(32-/44-Pin PLCC)
U1
U2
Figure 7. ASLIC/ASLAC Typical Linecard Schematic
NC
Notes:
1. This application ckt is valid only to 2.2 V metering.
2. If the RSB sense resistor is moved so that it is exposed to the ringing voltage, see the discussion in the Line Fault
Alarm section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com