Electronic Components Datasheet Search
  English  ▼

X  

HSMP-3813 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMP-3813
Description  Surface Mount PIN Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3813 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMP-3813 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Microstrip Shunt
Connections for
HSMP-48XX Series
In the diagram above, the
center conductor of the
microstrip line is interrupted
and leads 1 and 2 of the
HSMP-38XX series diode are
placed across the resulting gap.
This forces the 0.5 nH lead
inductance of leads 1 and 2 to
appear as part of a low pass
filter, reducing the shunt
parasitic inductance and
increasing the maximum
available attenuation. The 0.3 nH
of shunt inductance external
to the diode is created by the via
holes, and is a good estimate for
0.032" thick material.
Co-Planar Waveguide
Shunt Connection for
HSMP-48XX Series
Co-Planar waveguide, with
ground on the top side of the
printed circuit board, is shown
in the diagram above. Since it
eliminates the need for via holes
to ground, it offers lower shunt
parasitic inductance and higher
maximum attenuation when
compared to a microstrip circuit.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF*
1.5 nH
1.5 nH
*0.8 pF TYPICAL FOR HSMP-4820
Figure 34. Equivalent Circuit.
Figure 33. Circuit Layout.
*0.8 pF TYPICAL FOR HSMP-4820
Figure 36. Equivalent Circuit.
Figure 35. Circuit Layout.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
0.3 pF*
0.75 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com