Electronic Components Datasheet Search
  English  ▼

X  

HSMP-3813 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSMP-3813
Description  Surface Mount PIN Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3813 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSMP-3813 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.hp.com/go/rf
For technical assistance or the location of
your nearest Hewlett-Packard sales
office, distributor or representative call:
Americas/Canada:
1-800-235-0312 or
408-654-8675
Far East/Australasia:
Call your local HP
sales office.
Japan:
(81 3) 3335-8152
Europe:
Call your local HP sales office.
Data subject to change.
Copyright © 1999 Hewlett-Packard Co.
Obsoletes 5968-3435E
5968-5439E (6/99)
Profile Option Descriptions
-BLK = Bulk
-TR1 = 3K pc. Tape and Reel, Device Orientation; See Figures 37 and 38
-TR2 = 10K pc. Tape and Reel, Device Orientation; See Figures 37 and 38
Tape and Reeling conforms to Electronic Industries RS-481, “Taping of
Surface Mounted Components for Automated Placement.”
Ordering Information
Specify part number followed by option under. For example:
H
SMP
-
38XX
-
XXX
Bulk or Tape and Reel Option
Part Number
Surface Mount PIN Diode
Hewlett-Packard
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
END VIEW
8 mm
4 mm
TOP VIEW
Figure 37. Options -TR1, -TR2 for SOT-23 Packages.
Figure 38. Options -TR1, -TR2 for SOT-143 Packages.
END VIEW
8 mm
4 mm
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com