Electronic Components Datasheet Search
  English  ▼

X  

DSPA56371 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # DSPA56371
Description  The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPA56371 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button DSPA56371 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Serial Host Interface SPI Protocol Timing
Freescale Semiconductor
DSP56371 Technical Data
39
12
Serial Host Interface SPI Protocol Timing
Table 20. Serial Host Interface SPI Protocol Timing
No.
Characteristics1
Mode
Min
Max
Unit
23
Minimum serial clock cycle = tSPICC(min)
Master
79.0
—
ns
24
Serial clock high period
Master
29.5
—
ns
Slave
25.8
—
ns
25
Serial clock low period
Master
29.5
—
ns
Slave
25.8
—
ns
26
Serial clock rise/fall time
Master
—
10
ns
Slave
—
10
ns
27
SS assertion to first SCK edge
CPHA = 0
Slave
34.4
—
ns
CPHA = 1
Slave
10
—
ns
28
Last SCK edge to SS not asserted
Slave
12
—
ns
29
Data input valid to SCK edge (data input set-up time)
Master/Slave
0
—
ns
30
SCK last sampling edge to data input not valid
Master/Slave
22.4
—
ns
31
SS assertion to data out active
Slave
5
—
ns
32
SS deassertion to data high impedance2
Slave
—
9
ns
33
SCK edge to data out valid
(data out delay time)
Master/Slave
—
100
ns
34
SCK edge to data out not valid
(data out hold time)
Master/Slave
21.4
—
ns
35
SS assertion to data out valid
(CPHA = 0)
Slave
—
15.0
ns
36
First SCK sampling edge to HREQ output deassertion
Slave
50
—
ns
37
Last SCK sampling edge to HREQ output not deasserted
(CPHA = 1)
Slave
52.2
—
ns
38
SS deassertion to HREQ output not deasserted (CPHA = 0)
Slave
46.6
—
ns
39
SS deassertion pulse width (CPHA = 0)
Slave
12.7
—
ns
40
HREQ in assertion to first SCK edge
Master
—
—
ns
41
HREQ in deassertion to last SCK sampling edge (HREQ in
set-up time) (CPHA = 1)
Master
0
—
ns
42
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
0
—
ns
43
HREQ assertion width
Master
ns
Notes:
1. VCORE_VDD = 1.2 5 ± 0.05 V; TJ = –40°C to 115°C for 150 MHz; TJ = 0°C to 100°C for 181 MHz; CL = 50 pF
2. Periodically sampled, not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com