Electronic Components Datasheet Search
  English  ▼

X  

DSPA56371 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSPA56371
Description  The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPA56371 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSPA56371 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Signal/Connection Descriptions
Freescale Semiconductor
DSP56371 Technical Data
13
Table 6. Interrupt and Mode Control
Signal Name
Type
State
During
Reset
Signal Description
MODA/IRQA
Input
Input
Mode Select A/External Interrupt Request A—MODA/IRQA is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODA/IRQA
selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
during normal instruction processing. MODA, MODB, MODC and MODD
select one of 16 initial chip operating modes, latched into the OMR when the
RESET signal is deasserted. If the processor is in the stop standby state and
the MODA/IRQA pin is pulled to GND, the processor will exit the stop state.
Internal Pull up resistor.
This input is 5 V tolerant.
MODB/IRQB
Input
Input
Mode Select B/External Interrupt Request B—MODB/IRQB is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODB/IRQB
selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
during normal instruction processing. MODA, MODB, MODC and MODD
select one of 16 initial chip operating modes, latched into OMR when the
RESET signal is deasserted.
Internal Pull up resistor.
This input is 5 V tolerant.
MODC/IRQC
Input
Input
Mode Select C/External Interrupt Request C—MODC/IRQC is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODC/IRQC
selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
during normal instruction processing. MODA, MODB, MODC and MODD
select one of 16 initial chip operating modes, latched into OMR when the
RESET signal is deasserted.
Internal Pull up resistor.
This input is 5 V tolerant.
MODD/IRQD
Input
Input
Mode Select D/External Interrupt Request D—MODD/IRQD is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODD/IRQD
selects the initial chip operating mode during hardware reset and becomes a
level-sensitive or negative-edge-triggered, maskable interrupt request input
during normal instruction processing. MODA, MODB, MODC and MODD
select one of 16 initial chip operating modes, latched into OMR when the
RESET signal is deasserted.
Internal Pull up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com