Electronic Components Datasheet Search
  English  ▼

X  

GL602USB-A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL602USB-A
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB-A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL602USB-A Datasheet HTML 1Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 2Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 3Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 4Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 5Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 6Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 7Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Revision 1.6
-4-
02/28/2000
1. FEATURES
• Low-cost solution for low-speed USB keyboard
• 8-bit micro-controller
− Operation Speed: 6MHz clock input
− Performance: 3 MIPS @ 6MHz
− Single cycle instruction execution
− RISC-like architecture
− USB optimized instruction set
• USB Specification Compliance
− Conforms to USB 12Mbps Specification, Version 1.1
− Conforms to USB HID Class Specification, Version 1.1
− Supports 1 device address and 4 endpoints (include endpoint 0)
• I/O ports
− Up to 7(GL602USB)/5(GL602USB-A) general purpose I/O pins (OTP type is less a GPIO pin than mask
type).
− Up to 8 sense pins and 1 I/O pin with remote wakeup capability
− Up to 18(GL602USB)/8(GL602USB-A) output pins optimized for key matrix drive pin
− Up to 8(GL602USB)/4(GL602USB-A) output pins optimized for key matrix sense pin
− Up to 3(GL602USB)/1(GL602USB-A) I/O pins with LED drive capability
• Internal memory
− 96 bytes of RAM
− 4K x 14 of program ROM
• On-chip 3.3v output
− No external regulator required
• Improved output drivers with slew-rate control to reduce EMI
• 6 MHz external clock
• Internal power-on reset (POR)
• Internal power-fail detector
• Supports suspend/normal mode power management
− Suspend current lower than 400µA for the whole keyboard system (mask type)
• 8-bit free-running timer
• Available in cost saving 40-pin(GL602USB) PDIP, 24-pin(GL602USB-A) SOP
• Support a PS/2 mouse to USB mouse converter in the default firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com