Electronic Components Datasheet Search
  English  ▼

X  

GL602USB-A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GL602USB-A
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB-A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GL602USB-A Datasheet HTML 3Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 4Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 5Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 6Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 7Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 8Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 9Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 10Page - List of Unclassifed Manufacturers GL602USB-A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Revision 1.6
-7-
02/28/2000
Figure 3-1 40-pin DIP (GL602USB)
3.2 GL602USB-A
Table 3-2 GL602USB-A Pin Definitions and Descriptions
Pin No.
Name
I/O
Description
1
GND
-
Ground
2
V3.3
O
3.3V output
3
D+
I/O
USB data+
4
D-
I/O
USB data-
5
P1.1/MOUSE CLK
I/O
Port 1 bit 1/PS2 mouse clock input
6
P1.2/MOUSE DATA
I/O
Port 1 bit 2/PS2 mouse data input
7
P1.3/VPP
I/O
Port 1 bit 3 (for mask) / 12.75V programming power
(for OTP)
8
P1.4/PWRCTL
I/O
Port 1 bit 4 / PS2 mouse power control
9
DRV7
O
Key matrix output drive 7, open drain output
10
DRV8
O
Key matrix output drive 8, open drain output
11
DRV10
O
Key matrix output drive 10, open drain output
12
DRV12
O
Key matrix output drive 12, open drain output
13
DRV13
O
Key matrix output drive 13, open drain output
14
DRV15
O
Key matrix output drive 15, open drain output
15
DRV16
O
Key matrix output drive 16, open drain output
16
DRV17
O
Key matrix output drive 17, open drain output
17
SENSE1
I
Key matrix input sense 1, internal pull up 10K
18
SENSE3
I
Key matrix input sense 3, internal pull up 10K
19
SENSE6
I
Key matrix input sense 6, internal pull up 10K
20
SENSE8
I
Key matrix input sense 8, internal pull up 10K
21
P1.7/LED
I/O
Port 1 bit 7/LED indicator
22
VDD
-
Voltage supply
23
XTAL1
O
Ceramic resonator or crystal out
24
XTAL2
I
Ceramic resonator or crystal in
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
XTAL2
XTAL1
VDD
P1.7SCROLOCK
P1.6/CAPSLOCK
P1.5/NUMLOCK
SENSE8
SENSE7
SENSE6
SENSE5
SENSE4
SENSE3
SENSE2
SENSE1
DRV18
DRV17
DRV16
DRV15
DRV14
DRV13
GND
V3.3
D+
D-
DRV1
DRV2
P1.1/MOUST CLK
P1.2/MOUSE DATA
P1.3
P1.4/PWRCTL
DRV3
DRV4
DRV5
DRV6
DRV7
DRV8
DRV9
DRV10
DRV11
DRV12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com