Electronic Components Datasheet Search
  English  ▼

X  

DS02-254 Datasheet(PDF) 2 Page - CUI INC

Part # DS02-254
Description  DIP SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

DS02-254 Datasheet(HTML) 2 Page - CUI INC

  DS02-254 Datasheet HTML 1Page - CUI INC DS02-254 Datasheet HTML 2Page - CUI INC DS02-254 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cuidevices.com
CUI Devices
│ SERIES: DS02-254 │ DESCRIPTION: DIP SWITCH
date 11/21/2019
│ page 2 of 3
B=2.54x(N-1)±0.2
L=PxN+1.57±0.3
B=2.54x(N-1)±0.1
Raised Actuator
Flat Actuator
P=2.54±0.1
MECHANICAL DRAWING
This series is constructed of single piece modules where L is the total length, P is the pitch, and N is
the number of poles.
N
02
03
04
05
06
07
08
10
12
L
6.65
9.19
11.73
14.27
16.81
19.35
21.89
26.97
32.05
B
2.54
5.08
7.62
10.16
12.70
15.24
17.78
22.86
27.94
units: mm
tolerance:
0.5<X≤3.0: ±0.15 mm
3.0<X≤6.0: ±0.20 mm
6.0<X≤30.0: ±0.25 mm
30.0<X≤120.0: ±0.30 mm
120.0<X≤400.0: ±0.50 mm
X>400.0: ±0.80 mm
unless otherwise noted
PIN LENGTH, A (mm)
Long Pin
Flat Base
3.80
Convex Base
3.65
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
housing
PBT (UL94V-0)
blue
2
actuator
PBT (UL94V-0)
white
3
base
PBT (UL94V-0)
black
4
pin 1
copper alloy
gold
5
pin 2
copper alloy
gold
Recommended PCB Layout
Top View
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com