Electronic Components Datasheet Search
  English  ▼

X  

DS02-254 Datasheet(PDF) 1 Page - CUI INC

Part # DS02-254
Description  DIP SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

DS02-254 Datasheet(HTML) 1 Page - CUI INC

  DS02-254 Datasheet HTML 1Page - CUI INC DS02-254 Datasheet HTML 2Page - CUI INC DS02-254 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 11/21/2019
page 1 of 3
cuidevices.com
SERIES: DS02-254
│ DESCRIPTION: DIP SWITCH
FEATURES
• 2.54 mm pitch
• convex or flat bottom option
• 2~12 pole options
• raised or flat actuator option
• through hole
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage (per pole)
switching
non-switching
24
50
Vdc
Vdc
rated current (per pole)
switching
non-switching
25
100
mA
mA
withstanding voltage
for 1 minute
300
Vac
contact resistance
initial
after life test
50
100
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
operating force
1000
g
switch travel angle
20
°
operating temperature
-40
85
°C
storage temperature
-40
85
°C
life
2000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering1
for maximum 3 seconds
315
320
325
°C
wave soldering1
for maximum 5 seconds
240
250
260
°C
Notes:
1. Keep in “off” position during soldering.
PART NUMBER KEY
Base Number
DS02 X - 254 - X L - XX BE
No. of Poles:
02
07
03
08
04
10
05
12
06
Actuator:
1 = Raised
2 = Flat
Base:
“blank” = Flat
C2 = Convex
Notes:
2. Convex base only available in poles 3~12.
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - DS02-254

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS02-254 CUI-DS02-254 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
logo
Same Sky Devices
DS02-254 SAMESKY-DS02-254 Datasheet
239Kb / 3P
DIP SWITCH
09/12/2024
logo
CUI INC
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
More results

Similar Description - DS02-254

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com