Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL5292CS Datasheet HTML 1Page - Intersil Corporation EL5292CS Datasheet HTML 2Page - Intersil Corporation EL5292CS Datasheet HTML 3Page - Intersil Corporation EL5292CS Datasheet HTML 4Page - Intersil Corporation EL5292CS Datasheet HTML 5Page - Intersil Corporation EL5292CS Datasheet HTML 6Page - Intersil Corporation EL5292CS Datasheet HTML 7Page - Intersil Corporation EL5292CS Datasheet HTML 8Page - Intersil Corporation EL5292CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Typical Performance Curves (Continued)
Frequency Response for Various CL
1M
10M
100M
1G
Frequency (Hz)
14
10
6
2
-2
-6
AV=2
RF=375Ω
RL=150Ω
8pF added
0pF added
12pF added
Frequency Response for Various RF
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV=2
RG=RF
RL=150Ω
250
Ω
375
Ω
475
Ω
620
Ω
750
Ω
Group Delay vs Frequency
1M
10M
1G
Frequency (Hz)
3.5
3
2
1
0.5
0
100M
Frequency Response for Various Common-Mode
Input Voltages
1M
10M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
100M
AV=2
RF=375Ω
AV=1
RF=750Ω
AV=2
RF=375Ω
RL=150Ω
VCM=3V
VCM=0V
VCM=-3V
2.5
1.5
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10M
100
1k
10k
100k
1M
-90
-180
-270
-360
0
PSRR and CMRR vs Frequency
20
-80
-60
-40
-20
0
10k
Frequency (Hz)
100k
1M
10M
1G
100M
Gain
Phase
PSRR+
PSRR-
CMRR
EL5292, EL5292A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com